PART |
Description |
Maker |
AD9248BCPZRL-20 ANALOGDEVICESINC-AD9248BCPZRL-40 A |
Dual 14-Bit, 20/40/65 MSPS, 3 V Analog-to-Digital Converter; Package: LFCSP (9x9mm, 4.70mm exposed pad); No of Pins: 64; Temperature Range: Industrial DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 Dual 14-Bit, 20/40/65 MSPS, 3 V Analog-to-Digital Converter; Package: LQFP (7x7mm); No of Pins: 64; Temperature Range: Industrial 14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADC1412D080HN_C1 ADC1412D125HN_C1 ADC1412D065HN_C1 |
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
|
NXP Semiconductors N.V.
|
ADC1213D105HN-C1 ADC1213D125HN-C1 ADC1213D080HN-C1 |
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
|
Integrated Device Technology
|
ADC1413D080HN_C1 ADC1413D125HN_C1 ADC1413D105HN_C1 |
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
|
NXP Semiconductors N.V.
|
ADC1213D065HN ADC1213D105HN ADC1213D105C1 ADC1213D |
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
|
NXP Semiconductors
|
AD9231BCPZ-80 AD9231BCPZRL7-20 AD9231-20EBZ AD9231 |
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
|
Analog Devices
|
ADC1613D065HN ADC1613D080HN ADC1613D105HN ADC1613D |
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface 2-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC56
|
NXP Semiconductors
|
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
AD9781BCPZRL AD9781 AD9781-EBZ AD9781BCPZ AD9783 |
Dual 14-Bit, LVDS Interface 500 MSPS DAC; No of Pins: 72; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 14-BIT DAC, QCC72 Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
|
Analog Devices, Inc.
|
AD9645 AD9645-125EBZ AD9645BCPZ-125 AD9645BCPZ-80 |
Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
|
Analog Devices
|
ADC1413S125HN |
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
|
NXP Semiconductors
|